Part Number Hot Search : 
MB85420 LF157 2SD946P 74LCX126 07028 MAX3229 BC550B MMBTA921
Product Description
Full Text Search
 

To Download 15-47-5020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0015475020 Active
cgrid__sl_products 2.54mm (.100") Pitch SLTM FFC/FPC Connector - Single Row Male Version D, 2 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-70430 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Comments Overview Product Name FFC/FPC Connectors 70431 Male cgrid__sl_products SLTM
Physical
Circuits (Loaded) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Flammability Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire/Cable Type 2 Black N/A 50 Vertical 94V-0 Phosphor Bronze Gold Tin Polyester Alloy 1 Vertical No None Tube 0.100 In 2.54 mm 15 0.375 75 1.875 No Yes N/A -40C to +105C IDT or Pierce FFC/FPC
Search Parts in this Series 70431Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Manual Ribbon 0638170100 Cable Cutter Hand Tool Tool Kit for Standard 0622007400 Manual Press FFC Standard Manual 0622007800 Press for FFC TM-42TM FFC and 0622018700 SLTM Termination Kit TM-42TM FFC and 0622020800 SLTM Press and Termination Kit for 110v applications
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 250V
Material Info
Old Part Number 70431-0246
Reference - Drawing Numbers
Product Specification Sales Drawing PS-70430 SDA-70431-****
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 15-47-5020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X